PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
MAX16063TG |
1% Accurate, Low-Voltage, Quad Window Voltage Detector
|
Maxim Integrated Products
|
RN5VT27A RN5VT27A-RF RN5VT27A-RR RN5VT27A-T1 RN5VT |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
BU4945G BU4909G BU4910G BU4911G BU4912G BU4913G BU |
Low Voltage Detector IC
|
ROHM[Rohm]
|
R3111N602A R3111N602C R3111N402A R3111N402C R3111N |
LOW VOLTAGE DETECTOR
|
RICOH electronics devices division
|
RN5VS28CC-TL |
LOW VOLTAGE DETECTOR
|
Ricoh
|
BU482X BU4820F BU484X BU483X |
(BU48xxF) Low Voltage Detector IC
|
Rohm
|
R3113D411X |
LOW VOLTAGE DETECTOR 低电压检
|
Ricoh Co., Ltd.
|
CMX631AD5 CMX631AP3 CMX631AD4 |
Low voltage SPM detector
|
MXCOM
|
STM1061NXXW6F STM1061 STM106106 STM1061NXXWX6F |
Low Power Voltage Detector
|
STMicroelectronics
|